PART |
Description |
Maker |
ISL12008IB8Z-T ISL12008 ISL12008IB8Z |
I-2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSealFunction I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function; Temperature Range: -40°C to 85°C; Package: 8-SOIC
|
Intersil Corporation
|
ISL12030 |
Low Power RTC
|
Intersil Corporation
|
ISL12022MIBZ-T ISL12022M10 ISL12022M ISL12022MIBZ |
Low Power RTC with Battery Backed SRAM,Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 隆戮5ppm Temperature Compensation and Auto Daylight Saving
|
Intersil Corporation
|
ISL12023 ISL12023IVZ |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 卤5ppm with Auto Daylight Saving Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
|
Intersil Corporation
|
R5F10EGEAFB R5F10EGEANA R5F10EBEANA R5F10ELDAFB R5 |
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 μA/MHz, and 0.57 μA for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
|
Renesas Electronics Corporation
|
M41T01M6F |
Low-power serial real-time clock (RTC) with built-in battery switchover circuit
|
ST Microelectronics
|
V3022 V3022SO28A V3022SO28B |
Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
|
EM Microelectronic - MARIN SA
|
V3025SO28B V3025 V3025SO28A |
17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
|
EMMICRO[EM Microelectronic - MARIN SA]
|
MAX1414CAI MAX1407 MAX1414 MAX1409 MAX1407CAI MAX1 |
" Low- Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC" Low-Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC
|
MAXIM[Maxim Integrated Products]
|
5962-8861006YA 5962-8861009UA 5962-8861007UA 5962- |
Low-Voltage SPI/3-Wire RTCs with Trickle Charger I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output I<sup>2</sup>C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output x16双端口SRAM x16 Dual-Port SRAM x16双端口SRAM
|
3M Company Rochester Electronics, LLC Glenair, Inc.
|